PART |
Description |
Maker |
TE28F640C3 |
(TE28Fxxx) 3 Volt Advanced Boot Block Flash Memory
|
Intel Corporation
|
28F320B3 28F008_800B3 28F004_400B3 28F640B3 28F016 |
3 Volt Advanced Boot Block Flash Memory From old datasheet system
|
Intel
|
RD38F1010C0ZTL0 RD38F1020C0ZTL0 RD28F1602C3T110 RD |
3 VOLT INTEL Advanced BootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
|
INTEL[Intel Corporation]
|
TE28F640C3 TE28F160C3 TE28F800C3 28F160C3 28F320C3 |
3 Volt Intel Advanced Boot Block Flash Memory IC, DIGITAL, 1 GATE SCHMITT-TRIGGER, INVERTER, CMOS, 1.65-5.5V, 4.6NS, SC-70-5,
|
INTEL[Intel Corporation] Intel Corp.
|
AT49BV002AT AT49BV002ANT |
256K x 8 (2M bit), 2.7-Volt Read and 2.7-Volt Write, Top Boot Parametric Block Flash.
|
Atmel
|
TE28F160B3B120 TE28F160B3-B120 TE28F160B3B150 TE28 |
SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
|
INTEL[Intel Corporation]
|
A28F400BR-TB A28F400BR-B AB28F400BR-T80 AB28F400BR |
4-MBIT (256K X 16/ 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Toggle Switch; Circuitry:DPDT; Switch Operation:On-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-Mbit (256K x 16, 512K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corporation Intel Corp.
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
A29L008UV-90 A29L008TV-90U A29L008TV-90 A29L008TV- |
90ns; active read:9mA; programm/erase:20mA 0.2uA 1M x 8bit CMOS 3.0V-only boot sector flash memory 1M X 8 Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory From old datasheet system
|
AMICC[AMIC Technology]
|
LH28F160BJHE-TTL90 LHF16J04 |
16M-BIT ( 1Mbit x16 / 2Mbit x8 )Boot Block Flash MEMORY(16M 1Mx16 / 2Mx8 )Boot Block 闪速存储器) Flash Memory 16M (1M × 16/2M × 8)
|
Sharp Corporation Sharp Electrionic Components
|